Part Number Hot Search : 
GSWX26 70022 560M20 21265 U2538B GSE1K5 560M20 NCP1601B
Product Description
Full Text Search
 

To Download 2N7002T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electron ics technology co., ltd sot-523 plastic-encapsulate mosfets 2N7002T mosfet (n-cha nnel) fea ture z high density cell design for low r ds(on) z voltage controlled small signal switch z rugged and reliable z high saturation current capability maximum ratings (t a =25 unless otherwise noted) parameter value unit vgs gate-source voltage 20 v v ds drain-source voltage 60 v i d drain current 115 ma p d power dissipation 150 mw t j junction temperature 150 so t -523 1. gate 2. source 3. drain t stg storage temperature -55~+ 150 thermal resistance from jun c tion to ambient symbol r ja 833 /w www.cj-elec.com 1 j , sep,201 6 marking equivalent circuit application z z load switch for portable devices dc/dc converter v (br)dss r ds(on) max i d 60 v ? 5 @ 10v ? 115m a 7 @ 5v ? ? 1 2 3 k72 k72= device code solid dot = green molding compound device,if none, the normal device.
para mete r symbol t est co nd itio n s m in t yp max unit drain-source breakdown vo lt age v (br)dss v gs =0 v, i d =250 a 60 ga te -thre s hold v o l t a g e v th(gs) v ds =v gs , i d =250 a 1 2.5 v gate-body leakage l gss v ds =0 v , v gs = 20 v 8 0 na zero gate voltage drain curren t i dss v ds = 60 v , v gs = 0 v 80 na on-state drain current i d(on) v gs =10 v, v ds =7 v 500 ma v gs =10 v, i d =500 ma 5 drain-source on-resistance r ds( on) v gs =5 v, i d =50 ma 7 ? forward trans conduct a nce g fs v ds =10 v, i d =200 ma 80 500 ms v gs =10v, i d =500 ma 3.75 v drain - so u r ce o n - v o lt ag e v ds(on) v gs =5 v , i d =5 0 m a 0.375 v diode for w a r d v o l t a g e v sd i s =115ma, v gs =0 v 0.55 1.2 v input capacitance c iss 50 output capacitance c oss 25 reverse transfer capacita n ce c rss v ds = 25v , v gs = 0 v , f=1mhz 5 pf switching time turn-on time t d(on) 20 turn-off time t d(off) v dd = 25 v , r l =5 0 i d =500ma,v gen =10 v r g =25 40 ns mosfet electrical characteristics a t =25 unless otherwise specified www.cj-elec.com 2 j,sep,2016
061 21 8 0 2 4 6 0246 0.0 0.2 0.4 0.6 0.8 1.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1e-3 0.01 0.1 1 012345 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.0 0.2 0.4 0.6 0.8 1.0 0 1 2 3 i d =50ma i d =500ma i d r ds(on) t a =25 pulsed v gs r ds(on) on-resistance r ds ( o n) ( ) gate to source voltage v gs (v) t a =25 pulsed t a =25 pulsed transfer characteris t ics drain current i d (a) gate to source voltage v gs (v) 3e- 3 2 t a =25 pulsed 0.3 0.03 v sd i s source current i s (a) source to drain voltage v sd (v) v gs =5v v gs =10v,9v,8v,7v,6v v gs =4v v gs =3v output charact eri stics drain current i d (a) drain to source voltage v ds (v) v gs =5v v gs =10v t a =25 pulsed on-resistance r ds(on) ( ) drain current i d (a) typical characteristics 3 j,sep,2016
min. max. min. max. a 0.700 0.900 0.028 0.035 a1 0.000 0.100 0.000 0.004 a2 0.700 0.800 0.028 0.031 b1 0.150 0.250 0.006 0.010 b2 0.250 0.350 0.010 0.014 c 0.100 0.200 0.004 0.008 d 1.500 1.700 0.059 0.067 e 0.700 0.900 0.028 0.035 e1 1.450 1.750 0.057 0.069 e e1 0.900 1.100 0.035 0.043 l l1 0.260 0.460 0.010 0.018 0 8 0 8 0.400 ref. 0.016 ref. symbol dimensions in millimeters dimensions in inches 0.500 typ. 0.020 typ. 
    
    
j,sep,2016
     
 j,sep,2016


▲Up To Search▲   

 
Price & Availability of 2N7002T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X